PART |
Description |
Maker |
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
MJH1101706 MJH11022G MJH11017 MJH11018 MJH11018G M |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS
|
ONSEMI[ON Semiconductor]
|
EH3725ETTS-150.000M |
OSCILLATORS 25PPM -40 85 2.5V 4 150.000MHZ TS CMOS 5.0X3.2 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 150 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EH2725ETTS-150.000M |
OSCILLATORS 25PPM -40 85 2.5V 4 150.000MHZ TS CMOS 7.0X5.0 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 150 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
ZY56GP ZY43GP ZY110GP ZY150GP ZY180GP ZY47GP ZY68G |
150 V, 5 mA, 2 W glass passivated zener diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
Fagor List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2N3114CSM |
Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications 150 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
TT electronics Semelab, Ltd.
|
UF2A-UF2M HS2A-HS2M HS2K UF2A UF2J |
Glass Ultrafast Recovery Rectifiers Glass High Efficiency Rectifiers SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
|
HY ELECTRONIC CORP.
|
MTP29N15E |
TMOS POWER FET 29 AMPERES 150 VOLTS RDS(on) = 0.07 OHM 29 A, 150 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc.
|
EFM301B EFM302B EFM303B EFM304B EFM305B EFM306B EF |
3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes 3 A, 150 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
AD9772AST AD9772EB |
14-Bit, 150 MSPS TxDAC?with 2x Interpolation Filter 14-Bit,150 MSPS T×DAC TM with 2× Interpolation Filter(单电过采14位D/A转换 14-Bit, 150 MSPS TxDACwith 2x Interpolation Filter
|
Analog Devices, Inc.
|
|